PART |
Description |
Maker |
SM6T30A SM6T150A SM6T220A SM6T22A SM6T24A SM6T27A |
TRANSZORBSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩表面贴装瞬态电压抑制器 Legend Plate TRANSZORB⑩ SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB?/a> SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
GE Security, Inc. GE[General Semiconductor] http://
|
SMCJ120 SMCJ36A SMCJ110 SMCJ9.0 SMCJ30A SMCJ18A SM |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
SMAJ40A SMAJ22 SMAJ9.0DC SMAJ9.0ADC SMAJ100 SMAJ8. |
1.2 mA surface mount transient voltage suppressor 1.5 mA surface mount transient voltage suppressor 1.6 mA surface mount transient voltage suppressor 1.7 mA surface mount transient voltage suppressor Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:24-29 RoHS Compliant: No Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:16-35 RoHS Compliant: No TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 技术参数表面贴装瞬态电压抑制器 Circular Connector; No. of Contacts:61; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-61 RoHS Compliant: No 1.9 mA surface mount transient voltage suppressor 1.3 mA surface mount transient voltage suppressor 1.1 mA surface mount transient voltage suppressor 1.0 mA surface mount transient voltage suppressor
|
DC Components Co., Ltd.
|
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|
SMP14A SMP24A SMP26A SMP28A SMP17A SMP11 SMP18A SM |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
SM6T10A-E3_52 SM6T10A-E3_5B SM6T10AHE3_52 SM6T10AH |
Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix http://
|
SMBG33A SMBG33 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ9.0A |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA MS3470L14-4S MS3470L14-4P CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-TSSOP -55 to 125 SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SMBJ18 SMBJ120A SMBJ12A SMBJ24 SMBJ170A SMBJ150A S |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS High Speec CMOS Logic Dual Monostable Multivibrator with Reset 16-CDIP -55 to 125 CMOS 8-Bit Priority Encoder 16-SOIC -55 to 125 CMOS Dual Binary to 1-of-4 Decoder/Demultiplexer with Outputs High on Select 16-SOIC -55 to 125 High Speed CMOS Logic 12-Stage Binary Counter 16-CDIP -55 to 125 CMOS 24-Stage Frequency Divider 16-SOIC -55 to 125 CMOS Dual 64-Stage Static Shift Register 16-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge Trigger J-K Flip-Flops with Reset 14-CDIP -55 to 125 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Fairchild Semiconductor Bytes Electronics Industry Public Company Limited
|
1SMC8.0AT3 1SMC6.5AT3 1SMC26AT3 1SMC7.0AT3 |
1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6.5V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电6V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电7.0V,齐纳瞬变电压抑制器) 1500 Watt Peak Power,Plastic Surface Mount,Zener Transient Voltage Suppressor(塑料表贴封装,峰值功500W,变位电.0V,齐纳瞬变电压抑制器) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
P6SMB350A P6SMB440A P6SMB520A P6SMB500A P6SMB500CA |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS)
|
UN Semiconducctor INC
|